PART |
Description |
Maker |
TDA8920 TDA8920J TDA8920TH |
2x50 W class-D power amplifier(2x50W D绫诲???????澶у?) 2 x 50 W class-D power amplifier 80 W, 2 CHANNEL, AUDIO AMPLIFIER, PDSO24 2 x 50 W class-D power amplifier
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
AT49LV080 AT49LV080- AT49LV080T AT49LV080T-12CC AT |
LM4674A Boomer ® Audio Power Amplifier Series Filterless 2.5W Stereo Class D Audio Power Amplifier; Package: MICRO SMD; No of Pins: 16 1M X 8 FLASH 2.7V PROM, 200 ns, PDSO44 8-Megabit 1M x 8 Single 2.7-volt Battery-Voltage Flash Memory 1M X 8 FLASH 3V PROM, 200 ns, PDSO44 LM4673 Filterless, 2.65W, Mono, Class D Audio Power Amplifier; Package: MICRO SMD; No of Pins: 9 1M X 8 FLASH 2.7V PROM, 200 ns, PBGA42 LM4671 Filterless High Efficiency 2.5W Switching Audio Amplifier; Package: MICRO SMD; No of Pins: 9 1M X 8 FLASH 2.7V PROM, 200 ns, PDSO40 LM4673 Filterless, 2.65W, Mono, Class D Audio Power Amplifier; Package: LLP; No of Pins: 8 IGBT Chips; Package: --; Technology: IGBT 3; VDS (max): 1,200.0 V; IC (max): 15.0 A; VCE(sat) (max): 2.1 V; VGE(th) (min): 5.0 V; LM4920 Boomer ® Audio Power Amplifier Series Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier; Package: MICRO SMD; No of Pins: 14 LM4917 Boomer ® Audio Power Amplifier Series Ground-Referenced, 95mW Stereo Headphone Amplifier; Package: TSSOP; No of Pins: 14 LM4917 Boomer ® Audio Power Amplifier Series Ground-Referenced, 95mW Stereo Headphone Amplifier; Package: LLP; No of Pins: 14 LM4674A Boomer ® Audio Power Amplifier Series Filterless 2.5W Stereo Class D Audio Power Amplifier; Package: MICRO SMD; No of Pins: 16
|
Micron Technology, Inc. Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
APA2603AJI-TRG APA2603AJI-TUG APA2603AQAI-TRG APA2 |
2.8W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
|
Anpec Electronics Coropration
|
NT7603BDB-01 NT7603BDW-01 NT7603BDT-01 ELECTRONICT |
Class D Audio Amplifier, SOT549-1 (HTSSOP32), Reel Dry Pack, SMD, 13" 2 x 150 W class-D power amplifier, SOT566-3 (HSOP24), Reel Pack, SMD, 13" 2 x 110 W class-D power amplifer, SOT566-3 (HSOP24), Reel Pack, SMD, 13" 2 x 150 W class-D power amplifier, SOT411-1 (DBS23P), Tube 单芯6Cx2L点阵LCD控制驱动
|
Electronic Theatre Controls, Inc.
|
IRS2052MPBF IRS2052MTRPBF IRS2052MPBF-15 |
2 CH Digital Audio Amplifier 2 channel integrated analog input Class D audio amplifier driver
|
International Rectifier
|
CP2215 |
Class-D Audio Power Amplifier
|
CHIP
|
ADAU1592ASVZ-RL7 ADAU1592ACPZ-RL ADAU1592ACPZ-RL7 |
Class-D Audio Power Amplifier
|
Analog Devices, Inc.
|
PT2366 PT2366-MS PT236610 |
1W Class-AB Audio Power Amplifier
|
Princeton Technology Corp
|
PT2332 |
2.2W×2 Class-D Audio Power Amplifier
|
Princeton Technology Corp
|
LV4904V |
Class-D Audio Power Amplifier
|
Sanyo Semicon Device
|
PT2300 PT2300-S PT2300-SL PT2300L |
2W x 2 Class AB Audio Power Amplifier
|
Princeton Technology Corp
|